Part Number Hot Search : 
SUM6K1N 1N3017C BC547 SF207 KMM5321 LT161 42225 SSTUAF
Product Description
Full Text Search
 

To Download 2SB647-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2s b 647(a) -b pnp silicon plastic-encapsulate transistor features off characteristics collec t o r - emitter breakdown voltage (i c = -1madc, i b =0) - 80 vdc v (br)cbo collector- base breakdown voltage (i c = -10uadc, i e =0) -120 vdc v (br)ebo emitter- base voltage (i e = -10uadc,i c =0) -5 vdc i cbo collector cutoff current (v cb = -100vdc, i e =0) -10 uadc on characteristics h fe dc current gain (i c = -150madc, v ce = -5vdc) 60 200 v ce(sat) collector- emitter saturation voltage (i c = -500madc, i b = -50madc) -1 vdc small-signal characteristics f t transistor frequency (i c = -150 madc, v ce = -5vdc ) 140 mhz classification of h fe (1) rank b c d 2sb647 60-120 100-200 160-320  
 omp onents 20736 marilla street chatsworth       
     m cc tm micro commercial components w w w. m c c se m i .c om 1 of 4 c ob output capacitance (i e =0,v ce = -10vdc, f=1 mhz) 20 pf 2sb647 2sb647a 2sb647 2sb647a - 100 vdc 60 320 2sb647a 60-120 100-200 range revision: b 20 13 / 0 7 / 2 2 2s b 64 7-d 2s b 647(a) -c electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units v (br)ce o epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 h alogen free available upon request by adding suffix "-hf" lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information) ? capable of 0.9 watts of power dissipation. ? collector-current - 1.0a ? collector-base voltage 120 v ? operating and storage junction temperature range: -55 o c to +150 o c to-92mod inches mm dim min max min max note a .228 . 244 5.80 6.20 . 059 1.50 b a c d e f g j k l m h b .331 . 346 8.40 8.80 c .016 . 024 0.40 0.60 .114 . 122 2.90 3.10 f .543 . 559 13.80 14.20 h .157 ----- 4.00 --- g .035 . 043 0.90 1.10 dimensions e c b e c b bent lead straight lead bulk p ack ammo pack * for ammo packing detailed specification, click here to visit our website of product packaging for details. j .185 . 201 4.70 5.10 k ---- . 063 ----- 1.60 l .016 . 020 0.40 0.50 m .068 . 080 1.73 2.03 .08 6 .11 0 2.20 2.80 straight lead bent lead straight lead bent lead de .173 .220 4.40 5.60 downloaded from: http:///
static characteristic h ?? i fe c -200 1000 a -0.9ma -150 -100 100 -50 b -0 10 -0 -1 -2 -3 -4 -5 v -6 -7 -1 -10 collector current -100 -1000 i (ma) collector-emitter voltage (v) c ce v ?? i v ?? i cesat c besat c -1000 -500 =10 =10 -800 t =25 a t =100 a -600 -100 t =25 a t =100 a -400 -200 -10 -0 -0.1 -1 -10 -100 (ma) -1000 -0.1 -1 -10 -100 (ma) -1000 collector curremt i collector curremt i c c i ?? v f ?? i c be t c -1000 500 common emitter common emitter v =-5v v = -5v ce ce t =25 a -100 100 -10 -1 -0.1 10 -0 -200 -400 -600 -800 -1000 -20 -40 -60 -80 (ma) -100 collector current i base-emmiter voltage v (mv) c be base-emitter saturation voltage v (mv) collector current i (ma) collector current i (ma) be s a t c c collector-emitter saturation transition frequency f (mhz) dc current gain h voltage v (mv) t cesat fe common -1ma em itt e r t = 25 -0.8ma -0.7ma -0.6ma .5ma -0.4ma - 0.3ma - 0.2ma =-0.1ma i common emi t v = -5v ce ter t =100 a t =25 a m cc tm micro commercial components 2s b 647(a) revision: b 20 1 3 /0 7 / 2 2 w w w. m c c se m i .c om 2 of 4 downloaded from: http:///
p ?? t c /c ?? v /v c a ob ib cb eb 1200 1000 f=1mhz i =0/i =0 e c t =25 a 900 c 100 ib c 600 ob 10 300 0 1 0 25 50 75 100 125 150 -0.1 -1 reverse voltage -10 -30 ambient temperature t ( ) v (v) a capacitance c (pf) collector power dissipation p (mw) c m cc tm micro commercial components 2s b 647(a) revision: b 20 1 3 /0 7 / 2 2 w w w. m c c se m i .c om 3 of 4 downloaded from: http:///
m cc revision: b 20 1 3 /0 7 / 2 2 tm micro commercial components w w w. m c c se m i .c om 4 of 4 d e vi c e p ac k i n g p a r t n u m b e r- a p a m m o p a c k i n g : 2 0 k p c s / ca rt o n p a r t n u m b e r - bp b u l k: 5 0 k p c s / c a r t o n *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. o r de r i n g i n f or m a ti on : note : adding "-hf" suffix for halogen free, eg. part number-ap-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SB647-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X